Part Number Hot Search : 
H1300 30KP360A H1300 75M035 2SC4466 H1300 16211AE OV156
Product Description
Full Text Search
 

To Download HPCPR42F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hpc connector series hpc panel style series the hpc series is a complete line of high power loudspeaker connectors that are completely compatible with the neutrik ? speakon ? 4 pole con- nector series. included in the series are round and rectangular panel mounts, straight cord plugs, right angle cord plugs, and in-line cord plug, plus a barrel adapter. the hpc panel mounts come with two different flange depths, ei- ther 0.100" or 0.200" depths. the 0.200" depth allows for easy rear mounting of the connector and main- tains proper mating with the cord plug. also, the panel mounts have two different faston ? terminal sizes, 0.187" and 0.250" wide. both are rated at 50a, per ul 1977. the pc mount versions have either straight, right angle, or right angle with a mounting post. they are rated at 30a per ul 1977. the right angle pc mount version with the post allows for snap-in placement onto the pc board during wave soldering. the hpc cord plugs are offered in straight, right angle, and an in-line version. all have 0.250" faston ? ter- minals, rated at 50a per ul 1977, which makes it easy to swap out plugs. the unique feature of the cord plugs is their push to lock design. they do not require a 1/4 turn to en- gage the contacts C simply push the connector in like an xlr. this feature eliminates the need to remember to turn the connector to make contact with the contacts. to disengage, sim- ply push the latch lever forward and pull the connector out. the straight cord plug uses a twist on handle, while the in-line and right angle cord plugs use a snap-in handle. the in-line connector mates with both straight and right angle cord plugs. for those who find it more con- venient, we also offer a barrel adapter which mates with either straight or right angle cord plugs. connectors see page 54 for mechanical drawings ordering information part number style notes hpcp41f rectangle, 0.100 flange depth, 0.250 faston terms hpcp42f rectangle, 0.200 flange depth, 0.250 faston terms hpcp41f1 rectangle, 0.100 flange depth, 0.187 faston terms hpcp42f1 rectangle, 0.200 flange depth, 0.187 faston terms hpcp410pc rectangle, 0.100 flange depth, straight pc terms hpcp420pc rectangle, 0.200 flange depth, straight pc terms hpcp410ra rectangle, 0.100 flange depth, right angle pc terms hpcp420ra rectangle, 0.200 flange depth, right angle pc terms hpcpr41f round, 0.100 flange depth, 0.250 faston terms HPCPR42F round, 0.200 flange depth, 0.250 faston terms hpcpr41f1 round, 0.100 flange depth, 0.187 faston terms HPCPR42F1 round, 0.200 flange depth, 0.187 faston terms hpcpr410pc round, 0.100 flange depth, straight pc terms hpcpr420pc round, 0.200 flange depth, straight pc terms panel 44 hpcpr41f hpcp41f hpcp410ra speakon ? is a registered trademark of neutrik inc.


▲Up To Search▲   

 
Price & Availability of HPCPR42F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X